Part Number Hot Search : 
BR808G NTE4000 2SK12 BY8416 120T3 120T3 N5394A 2SD26621
Product Description
Full Text Search
 

To Download SMCJ15KE75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features for surface mount applicationsin in ordertooptimize board space fast response time: typical less than 1.0ps from 0 volts to mechanical data terminals: solderable per mil-std-750, method 2026 polarity: color band denotesposit ive end (cathode) except bidirectional maximum soldering temperature: 26 0 o c for 10 seconds maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform i pp see table 1 note: 2 peak pulse power dissipation p pp 1500w note: 2 peak forward surge current i fsm) 200a note: 4 operation and storage temperature range t j , t stg -55 o c to +175 o c notes: 2.non-repetitive current pulse, per fig.3 and derated above t a =25 o c per fig.2. 3.mounted on 8.0mm 2 copper pads to each terminal. 4.8.3ms, single half sine wave duty cycle=4 pulses per. minute maximum. s mcj1.5ke6.8(c)a thru smcj1.5ke550(c)a transient voltage suppressor 6.8 to 550 volts 1500 watt excellent clamping capability  
 omponents 20736 marilla street chatsworth       
     revision: d 2013/01/01 dimensions inches mm dim min max min max note a .079 .103 2.00 2.62 b .108 .128 2.75 3.25 c .002 .008 0.051 0.203 d .006 .012 0.152 0.305 e .030 .050 0.76 1.27 f ..305 .320 7.75 8.13 g .260 .280 6.60 7.11 h .220 .245 5.59 6.22 0.070? 0.190 0.125? suggested solder pad layout g h e d f epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 typical thermal resistance junction rthjl 15 o c/w a b c do-214ab (smcj) ( lead frame) ul recognized file # e331408 www. mccsemi .com 1 of 5 lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) 3 1. high temperature solder exemptions applied, see eu directive annex 7. 1. high temperature solder exemptions applied, see eu directive annex 7. to lead typical thermal resistance junction r thja 75 o c/w to ambient mcc tm micro commercial components ? halogen free available upon request by adding suffix "-hf" vbr minimum low inductance ? ? ? ? low profile package ? ? ?
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smcj1.5ke6.8a 5.80 6.45 7.14 10 10.5 144.8 1000 6v8a smcj1.5ke7.5a 6.40 7.13 7.88 10 11.3 134.5 500 7v5a smcj1.5ke8.2a 7.02 7.79 8.61 10 12.1 125.6 200 8v2a smcj1.5ke9.1a 7.78 8.65 9.55 1 13.4 113.4 50 9v1a smcj1.5ke10a 8.55 9.50 10.50 1 14.5 104.8 10 10a smcj1.5ke11a 9.40 10.50 11.60 1 15.6 97.4 5 11a smcj1.5ke12a 10.20 11.40 12.60 1 16.7 91.0 5 12a smcj1.5ke13a 11.10 12.40 13.70 1 18.2 83.5 5 13a smcj1.5ke15a 12.80 14.30 15.80 1 21.2 71.7 5 15a smcj1.5ke16a 13.60 15.20 16.80 1 22.5 67.6 5 16a smcj1.5ke18a 15.30 17.10 18.90 1 25.5 60.3 5 18a smcj1.5ke20a 17.10 19.00 21.00 1 27.7 54.9 5 20a smcj1.5ke22a 18.80 20.90 23.10 1 30.6 49.7 5 22a smcj1.5ke24a 20.50 22.80 25.20 1 33.2 45.8 5 24a smcj1.5ke27a 23.10 25.70 28.40 1 37.5 40.5 5 27a smcj1.5ke30a 25.60 28.50 31.50 1 41.4 36.7 5 30a smcj1.5ke33a 28.20 31.40 34.70 1 45.7 33.3 5 33a smcj1.5ke36a 30.80 34.20 37.80 1 49.9 30.5 5 36a smcj1.5ke39a 33.30 37.10 41.00 1 53.9 28.2 5 39a smcj1.5ke43a 36.80 40.90 45.20 1 59.3 25.6 5 43a smcj1.5ke47a 40.20 44.70 49.40 1 64.8 23.5 5 47a smcj1.5ke51a 43.60 48.50 53.60 1 70.1 21.7 5 51a smcj1.5ke56a 47.80 53.20 58.80 1 77.0 19.7 5 56a smcj1.5ke62a 53.00 58.90 65.10 1 85.0 17.9 5 62a smcj1.5ke68a 58.10 64.60 71.40 1 92.0 16.5 5 68a smcj1.5ke75a 64.10 71.30 78.80 1 103.0 14.8 5 75a smcj1.5ke82a 70.10 77.90 86.10 1 113.0 13.5 5 82a smcj1.5ke91a 77.80 86.50 95.50 1 125.0 12.2 5 91a smcj1.5ke100a 85.50 95.00 105.00 1 137.0 11.1 5 100a smcj1.5ke110a 94.00 105.00 116.00 1 152.0 10.0 5 110a smcj1.5ke120a 102.00 114.00 126.00 1 165.0 9.2 5 120a smcj1.5ke130a 111.00 124.00 137.00 1 179.0 8.5 5 130a smcj1.5ke150a 128.00 143.00 158.00 1 207.0 7.3 5 150a smcj1.5ke160a 136.00 152.00 168.00 1 219.0 6.9 5 160a smcj1.5ke170a 145.00 162.00 179.00 1 234.0 6.5 5 170a smcj1.5ke180a 154.00 171.00 189.00 1 246.0 6.2 5 180a smcj1.5ke200a 171.00 190.00 210.00 1 274.0 5.5 5 200a smcj1.5ke220a 185.00 209.00 231.00 1 328.0 4.6 5 220a smcj1.5ke250a 214.00 237.00 263.00 1 344.0 4.4 5 250a smcj1.5ke300a 256.00 285.00 315.00 1 414.0 3.7 5 300a smcj1.5ke350a 300.00 332.00 368.00 1 482.0 3.2 5 350a smcj1.5ke400a 342.00 380.00 420.00 1 548.0 2.8 5 400a smcj1.5ke440a 376.00 418.00 462.00 1 602.0 2.5 5 440a smcj1.5ke480a 408.00 456.00 504.00 1 658.0 2.3 5 480a smcj1.5ke510a 434.00 485.00 535.00 1 698.0 2.1 5 510a smcj1.5ke530a 477.00 503.50 556.50 1 725.0 2.1 5 530a smcj1.5ke540a 459.00 513.00 567.00 1 740.0 2.0 5 540a smcj1.5ke550a 495.00 522.50 577.50 1 760.0 2.0 5 550a smcj1.5ke6.8(c)a thru smcj1.5ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. revision: d 2013/01/01 tm micro commercial components www. mccsemi .com 2 of 5
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smcj1.5ke6.8ca 5.80 6.45 7.14 10 10.5 144.8 1000 6v8c smcj1.5ke7.5ca 6.40 7.13 7.88 10 11.3 134.5 500 7v5c smcj1.5ke8.2ca 7.02 7.79 8.61 10 12.1 125.6 200 8v2c smcj1.5ke9.1ca 7.78 8.65 9.55 1 13.4 113.4 50 9v1c smcj1.5ke10ca 8.55 9.50 10.50 1 14.5 104.8 10 10c smcj1.5ke11ca 9.40 10.50 11.60 1 15.6 97.4 5 11c smcj1.5ke12ca 10.20 11.40 12.60 1 16.7 91.0 5 12c smcj1.5ke13ca 11.10 12.40 13.70 1 18.2 83.5 5 13c smcj1.5ke15ca 12.80 14.30 15.80 1 21.2 71.7 5 15c smcj1.5ke16ca 13.60 15.20 16.80 1 22.5 67.6 5 16c smcj1.5ke18ca 15.30 17.10 18.90 1 25.5 60.3 5 18c smcj1.5ke20ca 17.10 19.00 21.00 1 27.7 54.9 5 20c smcj1.5ke22ca 18.80 20.90 23.10 1 30.6 49.7 5 22c smcj1.5ke24ca 20.50 22.80 25.20 1 33.2 45.8 5 24c smcj1.5ke27ca 23.10 25.70 28.40 1 37.5 40.5 5 27c smcj1.5ke30ca 25.60 28.50 31.50 1 41.4 36.7 5 30c smcj1.5ke33ca 28.20 31.40 34.70 1 45.7 33.3 5 33c smcj1.5ke36ca 30.80 34.20 37.80 1 49.9 30.5 5 36c smcj1.5ke39ca 33.30 37.10 41.00 1 53.9 28.2 5 39c smcj1.5ke43ca 36.80 40.90 45.20 1 59.3 25.6 5 43c smcj1.5ke47ca 40.20 44.70 49.40 1 64.8 23.5 5 47c smcj1.5ke51ca 43.60 48.50 53.60 1 70.1 21.7 5 51c smcj1.5ke56ca 47.80 53.20 58.80 1 77.0 19.7 5 56c smcj1.5ke62ca 53.00 58.90 65.10 1 85.0 17.9 5 62c smcj1.5ke68ca 58.10 64.60 71.40 1 92.0 16.5 5 68c smcj1.5ke75ca 64.10 71.30 78.80 1 103.0 14.8 5 75c smcj1.5ke82ca 70.10 77.90 86.10 1 113.0 13.5 5 82c smcj1.5ke91ca 77.80 86.50 95.50 1 125.0 12.2 5 91c smcj1.5ke100ca 85.50 95.00 105.00 1 137.0 11.1 5 100c smcj1.5ke110ca 94.00 105.00 116.00 1 152.0 10.0 5 110c smcj1.5ke120ca 102.00 114.00 126.00 1 165.0 9.2 5 120c smcj1.5ke130ca 111.00 124.00 137.00 1 179.0 8.5 5 130c smcj1.5ke150ca 128.00 143.00 158.00 1 207.0 7.3 5 150c smcj1.5ke160ca 136.00 152.00 168.00 1 219.0 6.9 5 160c smcj1.5ke170ca 145.00 162.00 179.00 1 234.0 6.5 5 170c smcj1.5ke180ca 154.00 171.00 189.00 1 246.0 6.2 5 180c smcj1.5ke200ca 171.00 190.00 210.00 1 274.0 5.5 5 200c smcj1.5ke220ca 185.00 209.00 231.00 1 328.0 4.6 5 220c smcj1.5ke250ca 214.00 237.00 263.00 1 344.0 4.4 5 250c smcj1.5ke300ca 256.00 285.00 315.00 1 414.0 3.7 5 300c smcj1.5ke350ca 300.00 332.00 368.00 1 482.0 3.2 5 350c smcj1.5ke400ca 342.00 380.00 420.00 1 548.0 2.8 5 400c smcj1.5ke440ca 376.00 418.00 462.00 1 602.0 2.5 5 440c smcj1.5ke480ca 408.00 456.00 504.00 1 658.0 2.3 5 480c smcj1.5ke510ca 434.00 485.00 535.00 1 698.0 2.1 5 510c smcj1.5ke530ca 477.00 503.50 556.50 1 725.0 2.1 5 530c smcj1.5ke540ca 459.00 513.00 567.00 1 740.0 2.0 5 540c smcj1.5ke550ca 495.00 522.50 577.50 1 760.0 2.0 5 550c smcj1.5ke6.8(c)a thru smcj1.5ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. revision: d 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 5
revision: d 2013/01/01 smcj1.5ke6.8(c)a thru smcj1.5ke550(c)a mc c tm micro commercial components www. mccsemi .com 4 of 5 c j junction capacitance (pf) fig. 4 typical junction capacitance uni-directional 0 25 50 75 100 0 75 25 50 100 125 150 175 200 peak pulse power (p pp ) or current (i pp ) derating in percentage, % t a ambient temperature (c) 10 100 1,000 10,000 20,000 10 1 100 400 v wm reverse stand-off voltage (v) fig. 2 pulse derating curve p ppm peak pulse power (kw) fig. 1 peak pulse power rating curve 0.1 1 10 100 0.1 s 1.0 s10 s t d pulse width (sec.) 100 s 1.0ms 10ms 0.31 x 0.31" (8.0 x 8.0mm) copper pad areas t j = 25c f = 1.0mhz vsig = 50mvp-p measured at zero bias v r , measured at stand-off voltage, v wm fig. 6 - maximum non-repetitive forward surge current uni-directional use only 1 10 100 10 100 200 peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) t j = t j max. uni-directional bi-directional t p pulse duration (sec) transient thermal impedance ( c/w) fig. 5 typical transient thermal impedance 0.1 1.0 10 100 0.001 0.01 0.1 1 10 100 1000 0 50 100 150 i ppm peak pulse current, % i rsm fig. 3 pulse waveform t j = 25c pulse width (td) is defined as the point where the peak current decays to 50% of i ppm tr = 10sec. peak value i ppm half value ipp i ppm 2 td 10/1000 sec. waveform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 t time (ms) ratings and characteristic curves (t a = 25c unless otherwise noted)
mcc revision: d 2013/01/01 tm micro commercial components www. mccsemi .com 5 of 5 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SMCJ15KE75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X